PART |
Description |
Maker |
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
PDTC114YEF PDTC114YT |
NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN配电阻型晶体R1=10千欧姆,R2=47千欧 NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PEMH14 PUMH14 5C H1- H1P H1T H1W |
NPN/NPN resistor-equipped transistors R1 = 47 kohm, R2 = open NPN/NPN配电阻型晶体管;R1=47千欧姆,R2=开 NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMD13 PUMD13 |
NPN-PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-PNP配电阻型晶体管,R1=4.7千欧姆,R2=47千欧 NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PIMH9 PIMH9_1 |
NPN resistor-equipped double transistor; R1 = 10 kohm R2 = 47 kohm NPN resistor-equipped double transistor; R1 = 10 kohm, R2 = 47 kohm From old datasheet system
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PIMN31 |
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
http://
|
PDTC143XU PDTC143X PDTC143XEF PDTC143XK PDTC143XM |
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTC144WU PDTC144 |
NPN resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|
PDTC124ES |
NPN resistor-equipped transistor
|
Philips
|